diesel generator set water charge-air cooling 1270kva/50 hz/standby power (fuel consumption optimized) 380 - 415v system ratings ? standby power mtu 18v2000 ds1290 mtu 18v2000 ds1290 mtu 18v2000 ds1290 voltage (l-l) 380v 400v 415v phase 3 3 3 pf 0.8 0.8 0.8 hz 50 50 50 kw 1016 1016 1016 kva 1270 1270 1270 amps 1930 1833 1767 generator model 740rsl7076 740rsl7076 740rsl7076 temp rise 150 c/40 c 150 c/40 c 150 c/40 c connection 6 lead hi wye 6 lead hi wye 6 lead hi wye // low installation costs // best fuel consumption values // long maintenance intervals // best-in-class reliability and availability // lifting vertically or with diagonal pull // compact design benefits optional equipment shown. standard equipment may vary. ? power available up to 32c/400 m
2 // / / 50 hz 1270 kva // engine air ? lters oil pump for draining full ? ow oil ? lters closed crankcase ventilation jacket water pump thermostats exhaust manifold C dry belt driven radiator fan electric starting motor C 24v governor C electronic isochronous base C formed steel sae ? ywheel & bell housing charging alternator flexible fuel connectors flexible exhaust connection // generator nema mg1, ieee and ansi standards compliance for temperature rise and motor vde 0530, iec 60034-1, bs4999, bs5000, csa22.2-100, as 1362 sustained short circuit current of up to 250% of the rated current for up to 10 seconds self-ventilated and drip-proof ip23 superior voltage waveform digital, volts-per-hertz regulator no load to full load regulation brushless alternator with brushless pilot exciter 4 pole, rotating ? eld 150 c maximum standby temperature rise heavy duty shielded ball bearings with a minimum b-10 life of 40,000 hrs flexible coupling full amortisseur windings 3-phase voltage sensing 0.25% voltage regulation 100% of rated load C one step according to nfpa 110 3% maximum harmonic content standard equipment ? ? represents standard product only. consult factory/mtu onsite energy distributor for additional con? gurations. // engine-generator set is designed and manufactured in facilities certi? ed to standards iso 9001:2008 and iso 14001:2004 // performance assurance certification (pac) - engine-generator set tested according to iso 8528-5 for transient response - veri? ed product design, quality and performance integrity - all engine systems are type and factory tested // power rating - permissible average power output during 24 hours of operation up to 85% certifications and standards
3 // / / 50 hz 1270 kva application data // engine manufacturer mtu model 18v2000g65tb type 4-stroke arrangement 18-v displacement/cylinder: l (cu inch) 1.99 (121) bore: mm (inch) 130 (5.1) stroke: mm (inch) 150 (5.9) compression ratio 16:1 rated speed rpm 1500 engine governor electronic isochronous max power: kwm (bhp) 1100 (1475) speed regulation 0.25% air ? lter dry // lube oil capacity total oil system: l (gal) 130 (34) // electrical electric volts dc 24 cold cranking amps under -17.8 c (0 f) 1000 // fuel system fuel supply connection size m22x1,5 - 60/male fuel return connection size m12x1,5 - 60/male maximum fuel lift: m (ft) 5 (16) recommended fuel see mtu ? uids & lubrication spec. total fuel ? ow: l/hr (gal/hr) 600 (159) // fuel consumption ? gal/hr l/hr g/kwh at 100% of power rating: 71 269 203 at 75% of power rating: 53 199 200 at 50% of power rating: 35 133 201 // cooling/radiator system water pump capacity: l/min (gpm) 667 (176) heat rejection to coolant: kw (btum) 445 (25,307) heat rejection to after cooler : kw (btum) 250 (14,217) heat radiated to ambient: kw (btum) 50 (2,843) engine coolant capacity: l (gal) 140 (37) // air requirements ? aspirating: m 3 /min (scfm) 75 (2646) // exhaust system gas temp. (stack): c (f) 550 (1022) gas volume ? ow temp: m 3 /min (scfm) 216 (7627) maximum allowable back pressure: kpa 8.5 application data // the engine-generator set complies to g3 // engine generator set tested according to iso 8528-5 for transient response // accepts rated load in one step as per nfpa 110 // all engine-generator sets are type and factory tested // mtu onsite energy is a single source supplier // global product support // 18v2000 diesel engine (35,82 liter (2186 cu inch) displacement; 4-stroke) // engine-generator resiliently mounted // complete range of accessories // brushless, rotating ? eld generator (pmg excitation; 250% short circuit capability; 2/3 pitch stator windings) // complete system metering // lcd display standard features ? ? represents standard product only. consult factory/mtu onsite energy distributor for additional con? gurations. ? values in accordance with iso 3046-1. conversion calculated with fuel density of 0.83 g/ml. ? air density = 1.184 kg/m 3 (0.0739 lbm/ft 3 )
4 // / / 50 hz 1270 kva subject to change. | 3236691 | edition 02/14 | enc 2014-07. mtu onsite energy a rolls-royce power systems brand www.mtuonsiteenergy.com weights and dimensions sound data // consult your local mtu onsite energy distributor for sound data. emissions data // consult your local mtu onsite energy distributor for emissions data. rating definitions and conditions // standby ratings apply to installations served by a reliable utility source. the standby rating is applicable to varying loads f or the duration of a power outage. no overload capability for this rating. ratings are in accordance with iso 8528-1, iso-3046-1, bs 5514 and as 2789. average load factor: 85%. operating hours/year: max. 500. // deration factor: altitude: consult your local mtu onsite energy distributor for altitude derations. temperature: consult your local mtu onsite energy distributor for temperature derations. system dimensions (l x w x h) weight (dry/less tank) open power unit (opu) 4325 x 1750 x 1821 mm (170.3 x 69 x 71.7 inch) 6478 kg (14,283 lbs) materials and speci? cations subject to change without notice. weights and dimensions are based on open power units and are estimates only. consult the factory for accurate weights and dimen sions for your speci? c engine-generator set. drawing above for illustration purposes only, based an standard open power 400 volt engine-generator set. lengths may vary with other voltages. do not use for installation design. see website for unit speci? c template drawings.
|